Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1012R Datasheet (PDF) - Vishay Siliconix

SI1012R Datasheet PDF - Vishay Siliconix
Part # SI1012R
Download  SI1012R Download
File Size   172.0 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 1.8 V (G-S) MOSFET

SI1012R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1012R Datasheet PDF - Vishay Siliconix

Part # SI1012R
Download  SI1012R Click to download

File Size   172.0 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 1.8 V (G-S) MOSFET

SI1012R Datasheet (HTML) - Vishay Siliconix


SI1012R Product details

• TrenchFET® Power MOSFET: 1.8 V Rated
• Gate-Source ESD Protected: 2000 V
• High-Side Switching
• Low On-Resistance: 0.7 Ω
• Low Threshold: 0.8 V (typ.)
• Fast Switching Speed: 10 ns




Similar Part No. - SI1012R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R Datasheet
108Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
07-Jul-08
SI1012R VISHAY-SI1012R Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
SI1012R VISHAY-SI1012R Datasheet
235Kb / 11P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
More results


Similar Description - SI1012R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com