Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1013R Datasheet (PDF) - Vishay Siliconix

SI1013R Datasheet PDF - Vishay Siliconix
Part # SI1013R
Download  SI1013R Download
File Size   158.6 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 1.8 V (G-S) MOSFET

SI1013R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1013R Datasheet PDF - Vishay Siliconix

Part # SI1013R
Download  SI1013R Click to download

File Size   158.6 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 1.8 V (G-S) MOSFET

SI1013R Datasheet (HTML) - Vishay Siliconix


SI1013R Product details

• Halogen-free According to IEC 61249-2-21
Definition
• High-Side Switching
• Low On-Resistance: 1.2 Ω
• Low Threshold: 0.8 V (Typ.)
• Fast Switching Speed: 14 ns
• 1.8 V Operation
• TrenchFET® Power MOSFETs
• 2000 V ESD Protection
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI1013R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1013R VISHAY-SI1013R Datasheet
44Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1013R VISHAY-SI1013R Datasheet
94Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
23-Jun-08
SI1013R-T1-E3 VISHAY-SI1013R-T1-E3 Datasheet
94Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
23-Jun-08
SI1013R-T1-GE3 VISHAY-SI1013R-T1-GE3 Datasheet
94Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
23-Jun-08
SI1013R/X VISHAY-SI1013R/X Datasheet
156Kb / 8P
P-Channel 1.8 V (G-S) MOSFET
25-Oct-10
More results


Similar Description - SI1013R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
07-Apr-03
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
13-Jun-05
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
12-Dec-05
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
P-Channel 1.8-V (G-S) MOSFET
24-Mar-08
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
P-Channel 1.8-V (G-S) MOSFET
31-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
12-Jun-06
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com