Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3033LSA Datasheet (PDF) - Allegro MicroSystems

SI3033LSA Datasheet PDF - Allegro MicroSystems
Part # SI3033LSA
Download  SI3033LSA Download
File Size   172.88 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR

SI3033LSA Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3033LSA Datasheet PDF - Allegro MicroSystems

Part # SI3033LSA
Download  SI3033LSA Click to download

File Size   172.88 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR

SI3033LSA Datasheet (HTML) - Allegro MicroSystems


SI3033LSA Product details

FEATURES
■ 1 A Output Current
■ Low Dropout voltage
■ LSTTL/CMOS-Compatible On/Off Control
Less Than 1 µA “Sleep” Current
■ Internal Foldback Overcurrent Limiting
■ Internal Thermal Shutdown
■ Surface-Mount Package




Similar Part No. - SI3033LSA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI3033C SANKEN-SI3033C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3033C ETC-SI3033C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Similar Description - SI3033LSA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
High-Current, Low-Dropout, 3.3 V Regulator
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
NXP Semiconductors
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com