| Manufacturer | Part # | Datasheet | Description |
 ASM GmbH |
3174
|
1Mb / 4P |
AC AUTOMATIC INSULATION/WITHSTANDING HiTESTER
|
 Kemet Corporation |
CTS150
|
122Kb / 1P |
Automatic Testing/Marking Machine for Radial Capacitors
|
|
CTS224
|
115Kb / 1P |
Automatic Testing / Marking Machine for Radial Capacitors
|
 ON Semiconductor |
ENA0145
|
408Kb / 34P |
CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a |
|
ENA1035
|
178Kb / 25P |
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00 |
|
2SK4124
|
281Kb / 7P |
N-Channel Power MOSFET 500V, 20A, 430mΩ, TO-3P-3L
July, 2013 |
|
WPB4002
|
257Kb / 5P |
8-bit Withstand Voltage Microcontroller
|
 Seiko Instruments Inc |
S-5731NSL1-M3T2U
|
881Kb / 15P |
HIGH-WITHSTAND VOLTAGE
|
|
S-5742NBL0I-Y3N2U
|
1Mb / 21P |
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
|
 Fluke Corporation |
1520
|
99Kb / 1P |
Insulation testing you can depend on ac/dc voltage measurement up to 600V
|