Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE314 Datasheet (PDF) - NTE Electronics

NTE314 Datasheet PDF - NTE Electronics
Part # NTE314
Download  NTE314 Download
File Size   24.53 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Controlled Rectifier (SCR) Power Regulator Switch

NTE314 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE314 Datasheet PDF - NTE Electronics

Part # NTE314
Download  NTE314 Click to download

File Size   24.53 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Controlled Rectifier (SCR) Power Regulator Switch

NTE314 Datasheet (HTML) - NTE Electronics


NTE314 Product details

Description:

The NTE314 is a silicon controlled rectifier (SCR) in a TO3 type package designed for 12.5 Ampere RMS, 400 Volt power supply and computer control applications to +100°C maximum junction.



Features:

Low Forward “ON” Voltage

All Diffused Junctions for Greater Parameter Uniformity

Glass Passivated for Greater Stability



Absolute Maximum Ratings:

Peak Repetitive Forward and Reverse Blocking Voltage (Note 1), VDRM, VRRM . . . .. . . . 400V

RMS Forward Current (TC = +80°C, All Conduction Angles), IT(RMS) . . .  . . . . . . . . 12.5A

Peak Forward Surge Current (1/2 Cycle Sine Wave, 60Hz, TJ = –40° to +100°C), ITSM . . . . . 200A

Fusing Current (TJ = –40° to +100°C, t = 1 to 8.3ms), I2t  . . . . . . . . . .. . . . . . . . . . . 170A2s

Forward Peak Gate Power, PGM . . . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . 5W

Forward Average Gate Power, PG(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5W

Forward Peak Gate Current, IGM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A

Peak Forward Gate Voltage, VGF . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . 19V

Peak Reverse Gate Voltage, VGR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V

Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . –40° to +100°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40° to +125°C

Thermal Resistance, Junction–to–Case, RthJC . . . . . . . . . . . . . . . . . . . . . . 1.7°C/W




Similar Part No. - NTE314

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3140 NTE-NTE3140 Datasheet
61Kb / 2P
Light Emitting Diode − 3mm
NTE3141 NTE-NTE3141 Datasheet
61Kb / 2P
Light Emitting Diode − 3mm
NTE3142 NTE-NTE3142 Datasheet
61Kb / 2P
Light Emitting Diode − 3mm
NTE3143 NTE-NTE3143 Datasheet
61Kb / 2P
Light Emitting Diode − 3mm
NTE3144 NTE-NTE3144 Datasheet
61Kb / 2P
Light Emitting Diode − 5mm
More results


Similar Description - NTE314

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
Silicon Controlled Rectifier (SCR) 125 Amp
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 5 Amp
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
Silicon Controlled Rectifier (SCR) 55 Amps
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) 470 Amp
NTE5492 NTE-NTE5492 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com