Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL1117-18V Datasheet (PDF) - List of Unclassifed Manufacturers

HPL1117-18V Datasheet PDF - List of Unclassifed Manufacturers
Part # HPL1117-18V
Download  HPL1117-18V Download
File Size   204.45 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V

HPL1117-18V Datasheet (PDF)

Go To PDF Page Download Datasheet
HPL1117-18V Datasheet PDF - List of Unclassifed Manufacturers

Part # HPL1117-18V
Download  HPL1117-18V Click to download

File Size   204.45 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V

HPL1117-18V Datasheet (HTML) - List of Unclassifed Manufacturers


HPL1117-18V Product details

[HIPAC Semiconductor, Inc.]



General Description

The HPL1117 is a low dropout three-terminal adjustable regulators with 1A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications , the HPL1117 has been optimized. The device is available in an adjustable version and fixed output voltages of 1.8V, 2.5V, 2.85V, 3.3V and 5V.



Features

•Guaranteed Output Voltage Accuracy within 2%

•Fast Transient Response

•Guaranteed Dropout Voltage at Multiple Currents

•Load Regulation : 0.1% Typ.

•Line Regulation : 0.03% Typ.

•Low Dropout Voltage : 1.1V Typ. at IOUT=1A

•Current Limit : 1A Typ. at TJ=25°C

•On-Chip Thermal Limiting : 150°C Typ.

•Adjustable Output : 1.25~10.7V

•Standard 3-pin TO-220, TO-252, TO-263 and SOT-223 Power Packages Features




Similar Part No. - HPL1117-18V

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
HIGH EFFICIENCY SILICON RECTIFIER
More results


Similar Description - HPL1117-18V

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com