Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29WS-NL Datasheet (PDF) - SPANSION

S29WS-NL Datasheet PDF - SPANSION
Part # S29WS-NL
Download  S29WS-NL Download
File Size   1091.58 Kbytes
Page   99 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY

S29WS-NL Datasheet (PDF)

Go To PDF Page Download Datasheet
S29WS-NL Datasheet PDF - SPANSION

Part # S29WS-NL
Download  S29WS-NL Click to download

File Size   1091.58 Kbytes
Page   99 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY

S29WS-NL Datasheet (HTML) - SPANSION


S29WS-NL Product details

General Description
The Spansion S29WS256/128/064N are MirrorbitTM Flash products fabricated on 110 nm process technology. These burst mode Flash devices are capable of performing simultaneous read and write operations with zero latency on two separate banks using separate data and address pins. These products can operate up to 80 MHz and use a single VCC of 1.7 V to 1.95 V that makes them ideal for today’s demanding wireless applications requiring higher density, better performance and lowered power consumption.

Distinctive Characteristics
■ Single 1.8 V read/program/erase (1.70–1.95 V)
■ 110 nm MirrorBit™ Technology
■ Simultaneous Read/Write operation with zero
   latency
■ 32-word Write Buffer
■ Sixteen-bank architecture consisting of 16/8/4
   Mwords for WS256N/128N/064N, respectively
■ Four 16 Kword sectors at both top and bottom of
   memory array
■ 254/126/62 64 Kword sectors (WS256N/128N/
   064N)
■ Programmable burst read modes
   — Linear for 32, 16 or 8 words linear read with or
      without wrap-around
   — Continuous sequential read mode
■ SecSi™ (Secured Silicon) Sector region consisting
   of 128 words each for factory and customer
■ 20-year data retention (typical)
■ Cycling Endurance: 100,000 cycles per sector
   (typical)
■ RDY output indicates data available to system
■ Command set compatible with JEDEC (42.4)
   standard
■ Hardware (WP#) protection of top and bottom
   sectors
■ Dual boot sector configuration (top and bottom)
■ Offered Packages
   — WS064N: 80-ball FBGA (7 mm x 9 mm)
   — WS256N/128N: 84-ball FBGA (8 mm x 11.6 mm)
■ Low VCC write inhibit
■ Persistent and Password methods of Advanced
   Sector Protection
■ Write operation status bits indicate program and
   erase operation completion
■ Suspend and Resume commands for Program and
   Erase operations
■ Unlock Bypass program command to reduce
   programming time
■ Synchronous or Asynchronous program operation,
   independent of burst control register settings
■ ACC input pin to reduce factory programming time
■ Support for Common Flash Interface (CFI)
■ Industrial Temperature range (contact factory)




Similar Part No. - S29WS-NL

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29WS-P SPANSION-S29WS-P Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
More results


Similar Description - S29WS-NL

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com