Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418LE Datasheet (PDF) - Vishay Siliconix

DG418LE Datasheet PDF - Vishay Siliconix
Part # DG418LE
Download  DG418LE Download
File Size   257.24 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 Ω On-Resistance, 12 V / ± 5 V / 5 V / 3 V, SPST and SPDT Switches

DG418LE Datasheet (PDF)

Go To PDF Page Download Datasheet
DG418LE Datasheet PDF - Vishay Siliconix

Part # DG418LE
Download  DG418LE Click to download

File Size   257.24 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6 Ω On-Resistance, 12 V / ± 5 V / 5 V / 3 V, SPST and SPDT Switches

DG418LE Datasheet (HTML) - Vishay Siliconix


DG418LE Product details

• +3 V to +16 V single supply, or
± 3 V to ± 8 V dual supply
• On resistance: 6 Ω for DG417LE, DG418LE
11 Ω for DG419LE
• Fast switching speeds: tON = 20 ns, tOFF = 15 ns
• Break-before-make switching for DG419LE
• Fully specified at +12 V, ± 5 V, +5 V, and +3 V
• V+ to V- analog signal range
• CMOS / TTL compatible
• 8 pin TSSOP and 8 pin SOIC packages




Similar Part No. - DG418LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418LE VISHAY-DG418LE Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
DG418LEDQ-T1-GE3 VISHAY-DG418LEDQ-T1-GE3 Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
DG418LEDY-T1-GE4 VISHAY-DG418LEDY-T1-GE4 Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
More results


Similar Description - DG418LE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
1.7 Ω, Low On Resistance, 12 V, 5 V, 3 V, ± 5 V, SPST Switches
25-Jun-2018
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
1.6 Ω On Resistance, ± 5 V, 12 V, and 3 V Quad SPST Switches
22-Jun-2020
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
6 Ω On-Resistance, 12 V, ± 5 V, 5 V, 3 V, SPST and SPDT Switches
11-Apr-2022
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com