Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG611E Datasheet (PDF) - Vishay Siliconix

DG611E Datasheet PDF - Vishay Siliconix
Part # DG611E
Download  DG611E Download
File Size   410.58 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches

DG611E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG611E Datasheet PDF - Vishay Siliconix

Part # DG611E
Download  DG611E Click to download

File Size   410.58 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches

DG611E Datasheet (HTML) - Vishay Siliconix


DG611E Product details

• Low charge injection (1.4 pC typ.)
• Leakage current < 0.25 nA at 85 °C
• Low switch capacitance (Csoff 3 pF typ.)
• Low RDS(on) - 115 Ω max.
• Fully specified with single supply operation at
3 V, 5 V, and dual supplies at ± 5 V
• Low voltage, 2.5 V CMOS/TTL compatible
• 1 GHz, 3 dB bandwidth
• Excellent isolation performance (-59 dB at 10 MHz)
• Excellent crosstalk performance (-74 dB at 10 MHz)
• Fully specified from -40 °C to +85 °C and -40 °C to +125 °C
• 16 lead SOIC, TSSOP and miniQFN package
(1.8 mm x 2.6 mm)




Similar Part No. - DG611E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
DG611EEN-T1-GE4 VISHAY-DG611EEN-T1-GE4 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
DG611EEQ-T1-GE4 VISHAY-DG611EEQ-T1-GE4 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
DG611EEY-T1-GE4 VISHAY-DG611EEY-T1-GE4 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
More results


Similar Description - DG611E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
logo
Analog Devices
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com