Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2523 Datasheet (PDF) - Vishay Siliconix

DG2523 Datasheet PDF - Vishay Siliconix
Part # DG2523
Download  DG2523 Download
File Size   159.86 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch

DG2523 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2523 Datasheet PDF - Vishay Siliconix

Part # DG2523
Download  DG2523 Click to download

File Size   159.86 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch

DG2523 Datasheet (HTML) - Vishay Siliconix


DG2523 Product details

• 1.8 V to 5.5 V single supply operation
• Low resistance: 0.4 Ω / typ. at 2.7 V
• Highly flat and matched Ron
• Low parasitic capacitance,
Con = 26 pF, Coff = 14.5 pF
• Typical switch off leakage of 40 pA
• High bandwidth: 310 MHz
• Guaranteed logic high 1.2 V, logic low 0.3 V
• Break before make switching
• Signal swing over V+ capable
• Power down protection
• Latch up current: 300 mA (JESD78)
• ESD/HBM: > 6 kV




Similar Part No. - DG2523

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2520 VISHAY-DG2520 Datasheet
147Kb / 8P
Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
07-Aug-06
DG2520DV-T1-E3 VISHAY-DG2520DV-T1-E3 Datasheet
147Kb / 8P
Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
07-Aug-06
DG2521 VISHAY-DG2521 Datasheet
147Kb / 8P
Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
07-Aug-06
DG2521DV-T1-E3 VISHAY-DG2521DV-T1-E3 Datasheet
147Kb / 8P
Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
07-Aug-06
DG2522 VISHAY-DG2522 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
More results


Similar Description - DG2523

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
28-Feb-11
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
12-Sep-16
DG2525 VISHAY-DG2525 Datasheet
180Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Vishay Siliconix
DG2525 VISHAY-DG2525_V01 Datasheet
181Kb / 11P
0.37 Ω, Low THD and Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Aug-16
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
0.37 Ω, Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
29-Apr-2019
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
10-Mar-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com