Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3257 Datasheet (PDF) - Vishay Siliconix

DG3257 Datasheet PDF - Vishay Siliconix
Part # DG3257
Download  DG3257 Download
File Size   175.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch

DG3257 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3257 Datasheet PDF - Vishay Siliconix

Part # DG3257
Download  DG3257 Click to download

File Size   175.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch

DG3257 Datasheet (HTML) - Vishay Siliconix


DG3257 Product details

• 1.65 V to 5.5 V single supply operation
• Low resistance: 5 Ω/typ. at 4.2 V
• Switch ON capacitance: 9 pF typical
• -3 dB bandwidth: 700 MHz
• Power down protection
• Signal swing over V+ capable (when signal swing over V+,
signal pin current: typically (VS - 0.6 V)/120 Ω)
• Control logic S pin voltage can go beyond V+
• Break before make switching
• Latch up current: 300 mA (JESD78)
• ESD / HBM: 6 kV,
• ESD / CDM: 1 kV
• TTL/CMOS compatible




Similar Part No. - DG3257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DG325FGK ETC2-DG325FGK Datasheet
282Kb / 4P
Safety Switches
DG325FRK ETC2-DG325FRK Datasheet
282Kb / 4P
Safety Switches
DG325NGK ETC2-DG325NGK Datasheet
282Kb / 4P
Safety Switches
DG325NRK ETC2-DG325NRK Datasheet
282Kb / 4P
Safety Switches
DG325UGK ETC2-DG325UGK Datasheet
282Kb / 4P
Safety Switches
More results


Similar Description - DG3257

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2721 VISHAY-DG2721 Datasheet
124Kb / 7P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
logo
Peregrine Semiconductor
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
SPDT RF Switch, 700 MHz?? GHz
logo
Vishay Siliconix
DG2515 VISHAY-DG2515_V01 Datasheet
176Kb / 9P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2723 VISHAY-DG2723_V01 Datasheet
156Kb / 10P
700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch
22-Dec-14
DG3157A VISHAY-DG3157A_V01 Datasheet
176Kb / 9P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection
25-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com