Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiA433EDJ Datasheet (PDF) - Vishay Siliconix

SiA433EDJ Datasheet PDF - Vishay Siliconix
Part # SiA433EDJ
Download  SiA433EDJ Download
File Size   233.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20-V (D-S) MOSFET

SiA433EDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SiA433EDJ Datasheet PDF - Vishay Siliconix

Part # SiA433EDJ
Download  SiA433EDJ Click to download

File Size   233.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20-V (D-S) MOSFET

SiA433EDJ Datasheet (HTML) - Vishay Siliconix


SiA433EDJ Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• New Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Low On-Resistance
• 100 % Rg Tested
• Built in ESD Protection with Zener Diode
• Typical ESD Performance: 1800 V
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SiA433EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA433EDJ VISHAY-SIA433EDJ Datasheet
227Kb / 9P
P-Channel 20-V (D-S) MOSFET
12-Oct-09
SIA433EDJ-T1-GE3 VISHAY-SIA433EDJ-T1-GE3 Datasheet
227Kb / 9P
P-Channel 20-V (D-S) MOSFET
12-Oct-09
logo
VBsemi Electronics Co.,...
SIA433EDJ-T1-GE3 VBSEMI-SIA433EDJ-T1-GE3 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA433EDJ-T1-GE3 VISHAY-SIA433EDJ-T1-GE3 Datasheet
258Kb / 9P
P-Channel 20 V (D-S) MOSFET
12-Oct-09
SIA433EDJ VISHAY-SIA433EDJ_V01 Datasheet
258Kb / 9P
P-Channel 20 V (D-S) MOSFET
12-Oct-09
More results


Similar Description - SiA433EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com