Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3022 Datasheet (PDF) - Littelfuse

SP3022 Datasheet PDF - Littelfuse
Part # SP3022
Download  SP3022 Download
File Size   860.57 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS

SP3022 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3022 Datasheet PDF - Littelfuse

Part # SP3022
Download  SP3022 Click to download

File Size   860.57 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS

SP3022 Datasheet (HTML) - Littelfuse




Similar Part No. - SP3022

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
logo
TECH PUBLIC Electronics...
SP3025-04HTG TECHPUBLIC-SP3025-04HTG Datasheet
1Mb / 4P
Ultra-Low Capacitance TVS Diode Array
logo
Sipex Corporation
SP302CS SIPEX-SP302CS Datasheet
186Kb / 18P
RS-232/RS-422 Line Drivers/Receivers
More results


Similar Description - SP3022

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
AQ3041 LITTELFUSE-AQ3041 Datasheet
733Kb / 4P
AQ3041 Series 0.5pF 20kV Unidirectional Discrete TVS
AQ3045 LITTELFUSE-AQ3045 Datasheet
603Kb / 4P
AQ3045 Series 0.35pF 30kV Bidirectional Discrete TVS
SP1015 LITTELFUSE-SP1015 Datasheet
1Mb / 4P
SP1015 Series 5pF, 20kV Bidirectional TVS Array
SP3030 LITTELFUSE-SP3030 Datasheet
1Mb / 4P
SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
SP3042 LITTELFUSE-SP3042 Datasheet
2Mb / 4P
SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
SP3145 LITTELFUSE-SP3145 Datasheet
2Mb / 5P
SP3145 Series 0.35pF 20kV Unidirectional Discrete TVS
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com