Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7255V Datasheet (PDF) - Infineon Technologies AG

TDA7255V Datasheet PDF - Infineon Technologies AG
Part # TDA7255V
Download  TDA7255V Download
File Size   2763.0 Kbytes
Page   109 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 434 MHz Wireless Transceiver

TDA7255V Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7255V Datasheet PDF - Infineon Technologies AG

Part # TDA7255V
Download  TDA7255V Click to download

File Size   2763.0 Kbytes
Page   109 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 434 MHz Wireless Transceiver

TDA7255V Datasheet (HTML) - Infineon Technologies AG


TDA7255V Product details

Product Description
1.1 Overview
The TDA7255V is an ASK/FSK single-channel transceiver for 433 - 435 MHz frequency band in a tiny VQFN-40 package. Due to the very high level of integration the device requires only a few external components. The extreme low current consumption in receive, transmit and especially in power down mode and the wide supply voltage range make TDA7255V the ideal choice for small, battery driven applications.

1.2 Features
• FSK and ASK modulation and demodulation capability without external circuitry changes, FM demodulation capability
• Frequency range: 433 to 435 MHz
• Sensitivity FSK typically -115 dBm at 4 kbit/s data rate
• Sensitivity ASK typically -112 dBm at 4 kbit/s data rate
• Transmit power up to +13 dBm
• Low supply current (Is = 9 mA typ. in receive mode, Is = 13,5 mA typ. in transmit mode (both at 3 V supply voltage, 25°C)
• Very low supply current in power down mode (5 nA typ.)
• Supply voltage range: 2.1 V to 5.5 V
• Data rates up to 100 kbit/s Manchester encoded
• Fully integrated PLL synthesizer including VCO and loop filter on-chip with on-chip crystal oscillator tuning
• Differential receive signal path completely on-chip, therefore no external filters are necessary
• On-chip low pass channel select and data filter with tuneable bandwidth
• Data slicer with self-adjusting threshold and 2 peak detectors
• Self-polling logic with adjustable duty cycle and ultrafast data rate detection and timer mode providing periodical interrupt
• Adjustable LNA gain
• Digital RSSI and battery voltage readout
• Clock Out Pin for external microcontroller
• I2C/3-wire microcontroller interface, working at max. 400 kbit/s
• Operating temperature range -40°C to +85°C
• 5.5 x 6.5 mm small VQFN-40 package

1.3 Application
The TDA7255V is targeted specifically at highly size-sensitive industrial and consumer applications such as small home automation or security and alarm systems.

Main applications:
• Bi-directional remote control systems
• Home automation systems
• Lighting control
• Security and alarm systems
• Industrial control
• Remote keyless entry systems
• Low bit-rate communication systems




Similar Part No. - TDA7255V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
More results


Similar Description - TDA7255V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
logo
AUREL S.p.A.
650201420G AUREL-650201420G Datasheet
84Kb / 1P
Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com