Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201A Datasheet (PDF) - Littelfuse

201A Datasheet PDF - Littelfuse
Part # 201A
Download  201A Download
File Size   293.54 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The 201A is a 3-phase, auto-ranging, dual-range voltage monitor that protects 190-480VAC

201A Datasheet (PDF)

Go To PDF Page Download Datasheet
201A Datasheet PDF - Littelfuse

Part # 201A
Download  201A Click to download

File Size   293.54 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The 201A is a 3-phase, auto-ranging, dual-range voltage monitor that protects 190-480VAC

201A Datasheet (HTML) - Littelfuse




Similar Part No. - 201A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
201A-AU-OT LITTELFUSE-201A-AU-OT Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
logo
Structured Cable Produc...
201A-WT STRUCTURED-CABLE-201A-WT Datasheet
3Mb / 1P
2 PORT ANGLED KEYSTONE WALL PLATE, SINGLE GANG
08/2020
More results


Similar Description - 201A

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
Auto ranging input
logo
Murata Manufacturing Co...
DMR20-10-DCM MURATA-DMR20-10-DCM Datasheet
274Kb / 4P
2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
logo
Soshin electric Co., Lt...
HF3000C-UQ SOSHIN-HF3000C-UQ Datasheet
181Kb / 4P
3-phase 3-line 480VAC
HF3000C-UQA SOSHIN-HF3000C-UQA Datasheet
255Kb / 4P
3-phase 3-line 480VAC
HF3000C-UQB SOSHIN-HF3000C-UQB Datasheet
319Kb / 4P
3-phase 3-line 480VAC
HF3000C-UQC SOSHIN-HF3000C-UQC Datasheet
320Kb / 4P
3-phase 3-line 480VAC
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com