Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC03-3.3 Datasheet (PDF) - Littelfuse

LC03-3.3 Datasheet PDF - Littelfuse
Part # LC03-3.3
Download  LC03-3.3 Download
File Size   1040.26 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LC03-3.3 Series 3.3V 150A Diode Array

LC03-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC03-3.3 Datasheet PDF - Littelfuse

Part # LC03-3.3
Download  LC03-3.3 Click to download

File Size   1040.26 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LC03-3.3 Series 3.3V 150A Diode Array

LC03-3.3 Datasheet (HTML) - Littelfuse


LC03-3.3 Product details

Description
This LC03-3.3 series provides overvoltage protection for applications such as 10/100/1000 BaseT Ethernet and T3/E3 interfaces. This new protector combines the TVS diode element with a diode rectifier bridge to provide both longitudinal and differential protection in one package. This design results in a capacitive loading characteristic that is log-linear with respect to the signal voltage across the device. This reduces intermodulation (IM) distortion caused by a typical solid-state protection solution. The application schematic provides the connection information and the LC03-3.3 is rated for GR-1089, intra-building transient immunity requirements for telecommunication installations.

Features
• Lightning Protection, IEC 61000-4-5 2nd edition, 150A (tp=8/20µs)
• EFT, IEC 61000-4-4, 40A (tp=5/50ns)
• Low insertion loss, loglinear capacitance
• Low clamping voltage
• SOIC-8 surface mount package (JEDEC MS-012)
• UL 94V-0 epoxy molding
• RoHS and Lead-free compliant
• Moisture Sensitivity Level (MSL-1)

Applications
• T1/E1 Line cards
• T3/E3 and DS3 Interfaces
• STS-1 Interfaces
• 10/100/1000 BaseT Ethernet




Similar Part No. - LC03-3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
191Kb / 7P
Low Capacitance 3.3 Volt TVS for High Speed Interfaces
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
Low Capacitance 3.3 Volt TVS for High Speed Interfaces
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
Low Capacitance 3.3V TVS
logo
TECH PUBLIC Electronics...
LC03-3.3 TECHPUBLIC-LC03-3.3 Datasheet
2Mb / 5P
Low Capacitance 3.3 TVS
More results


Similar Description - LC03-3.3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD143A-SR2.8 BOURNS-CD143A-SR2.8 Datasheet
329Kb / 4P
CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
logo
Littelfuse
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
SP03A-3.3 Series 3.3V 150A Rail Clamp Array
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
SP03-3.3 Series 3.3V 150A Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
SP3312T Series 3.3V 15A Diode Array
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
SP4042 Series 3.3V Diode Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
SP4065 Series 3.3V 20A Diode Array
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
Low Capacitance 3.3V TVS Diode Array
logo
Bourns Electronic Solut...
CD143A-SR28 BOURNS-CD143A-SR28 Datasheet
181Kb / 5P
CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com