Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1255 Datasheet (PDF) - Littelfuse

SP1255 Datasheet PDF - Littelfuse
Part # SP1255
Download  SP1255 Download
File Size   2525.98 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1255 Series 160A for V

SP1255 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1255 Datasheet PDF - Littelfuse

Part # SP1255
Download  SP1255 Click to download

File Size   2525.98 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1255 Series 160A for V

SP1255 Datasheet (HTML) - Littelfuse




Similar Part No. - SP1255

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1255P LITTELFUSE-SP1255P Datasheet
964Kb / 5P
SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
SP1255PUTG LITTELFUSE-SP1255PUTG Datasheet
964Kb / 5P
SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
More results


Similar Description - SP1255

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
logo
Microsemi Corporation
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
logo
TRANSYS Electronics Lim...
FSTI16020 TEL-FSTI16020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N_1 Datasheet
167Kb / 2P
160A Avg 40 Volts
PQ160QH06N NIEC-PQ160QH06N_1 Datasheet
157Kb / 2P
160A Avg 60 Volts
logo
Micross Components
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
1600V 160A thyristor Module RoHS Compliant
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
MacMic
MMD160S MACMIC-MMD160S Datasheet
196Kb / 3P
160A Rectifier Diode Module
MMK160S160B MACMIC-MMK160S160B Datasheet
455Kb / 4P
160A Thyristor/Diode Module
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com