Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4023 Datasheet (PDF) - Littelfuse

SP4023 Datasheet PDF - Littelfuse
Part # SP4023
Download  SP4023 Download
File Size   858.26 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4023 Series 1.3pF, 12A Discrete TVS Diode

SP4023 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4023 Datasheet PDF - Littelfuse

Part # SP4023
Download  SP4023 Click to download

File Size   858.26 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4023 Series 1.3pF, 12A Discrete TVS Diode

SP4023 Datasheet (HTML) - Littelfuse




Similar Part No. - SP4023

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SP4023-01FTG-C TECHPUBLIC-SP4023-01FTG-C Datasheet
1Mb / 4P
Bl-directional TVS Diode
More results


Similar Description - SP4023

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
AQ4022 LITTELFUSE-AQ4022 Datasheet
607Kb / 5P
AQ4022 Series 1.3pF, 15A Discrete TVS Diode
AQ4023 LITTELFUSE-AQ4023 Datasheet
606Kb / 4P
AQ4023 Series 1.3pF, 12A Discrete TVS Diode
AQ4024 LITTELFUSE-AQ4024 Datasheet
610Kb / 4P
AQ4024 Series 1.3pF, 7A Discrete TVS Diode
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
SP1124T Discrete Unidirectional TVS Diode
SP4022 LITTELFUSE-SP4022 Datasheet
750Kb / 4P
SP4022 Series 1.3pF, 15A Discrete TVS Diode
SP4024 LITTELFUSE-SP4024 Datasheet
797Kb / 4P
SP4024 Series 1.3pF, 7A Discrete TVS Diode
SP0201U-ULC-01UTG LITTELFUSE-SP0201U-ULC-01UTG Datasheet
1Mb / 5P
TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com