Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE349 Datasheet (PDF) - NTE Electronics

NTE349 Datasheet PDF - NTE Electronics
Part # NTE349
Download  NTE349 Download
File Size   21.99 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amp, Driver

NTE349 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE349 Datasheet PDF - NTE Electronics

Part # NTE349
Download  NTE349 Click to download

File Size   21.99 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amp, Driver

NTE349 Datasheet (HTML) - NTE Electronics


NTE349 Product details

Description:
The NTE349 is a silicon NPN transistor in a T72H type package designed primarily for use in 13.6V VHF large–signal amplifier applications required in military and industrial equipment to 240MHz.

Features:
● Specified 13.6V, 175MHz Characteristics:
    Output Power = 10W
    Minimum Gain = 5.2dB
    Efficiency = 50%




Similar Part No. - NTE349

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE340 NTE-NTE340 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output, High Frequency
NTE341 NTE-NTE341 Datasheet
76Kb / 2P
Silicon NPN Transistor RF Power Output
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
More results


Similar Description - NTE349

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE195A NTE-NTE195A Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp/Driver, CB
NTE299 NTE-NTE299 Datasheet
18Kb / 1P
Silicon NPN Transistor RF Power Amp, Driver
NTE337 NTE-NTE337 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE338F NTE-NTE338F Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE345 NTE-NTE345 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE348 NTE-NTE348 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE473 NTE-NTE473 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Driver
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com