Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS31A472DA063 Datasheet (PDF) - Kemet Corporation

ALS31A472DA063 Datasheet PDF - Kemet Corporation
Part # ALS31A472DA063
Download  ALS31A472DA063 Download
File Size   79.83 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALS31, Aluminum Electrolytic, 85C, 4700 uF, 20%, 63 V, -40/85C

ALS31A472DA063 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALS31A472DA063 Datasheet PDF - Kemet Corporation

Part # ALS31A472DA063
Download  ALS31A472DA063 Click to download

File Size   79.83 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALS31, Aluminum Electrolytic, 85C, 4700 uF, 20%, 63 V, -40/85C

ALS31A472DA063 Datasheet (HTML) - Kemet Corporation


ALS31A472DA063 Product details

Overview
KEMETs ALS30/31 Series of screw terminal capacitors covers a wide range of case sizes and voltage ratings featuring high ripple currents and long-life performance. They are ideally suited for industrial and commercial applications demanding high reliability and long-life expectancy such as frequency converters, uninterruptible power supply (UPS) systems and switch mode power supplies (SMPS).

Benefits
•  Compact size
•  Long life, up to 20,000 hours at +85°C (VR, IR applied)
•  High ripple current
•  Excellent surge voltage capability
•  Optimized designs available upon request

Applications
   Typical applications for KEMETs ALS30/31 Series of capacitors include smoothing, energy storage or pulse operation in telecommunication demanding power supplies, process control, AC motor control, traction, welding, and measuring.




Similar Part No. - ALS31A472DA063

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A472DE100 KEMET-ALS31A472DE100 Datasheet
79Kb / 1P
ALS31, Aluminum Electrolytic, 85C, 4700 uF, 20%, 100 V, -40/85C
More results


Similar Description - ALS31A472DA063

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A103DE063 KEMET-ALS31A103DE063 Datasheet
79Kb / 1P
Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 63 V, -40/85C
ALS31A473MF063 KEMET-ALS31A473MF063 Datasheet
80Kb / 1P
Aluminum Electrolytic, 85C, ALS31, 0.047 F, 20%, 63 V, -40/85C
ALS31A104NP063 KEMET-ALS31A104NP063 Datasheet
79Kb / 1P
ALS31, Aluminum Electrolytic, 85C, 0.1 F, 20%, 63 V, -40/85C
ELH478M063AR4AA KEMET-ELH478M063AR4AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 85C, ELH, 4700 uF, 20%, 63 V, -40/85C
ALS31A332NP450 KEMET-ALS31A332NP450 Datasheet
80Kb / 1P
Aluminum Electrolytic, 85C, ALS31, 3300 uF, 20%, 450 V, -40/85C
ALS30A472DA063 KEMET-ALS30A472DA063 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS30, 4700 uF, 20%, 63 V, -40/85C
ALP22A472BB063 KEMET-ALP22A472BB063 Datasheet
61Kb / 1P
Aluminum Electrolytic, 85C, ALP22, 4700 uF, 20%, 63 V, -40/85C
ALS31A223KE063 KEMET-ALS31A223KE063 Datasheet
79Kb / 1P
Aluminum Electrolytic, 85C, ALS31, 0.022 F, 20%, 63 V, -40/85C
ALS31A472DE100 KEMET-ALS31A472DE100 Datasheet
79Kb / 1P
ALS31, Aluminum Electrolytic, 85C, 4700 uF, 20%, 100 V, -40/85C
ALS31A472MF200 KEMET-ALS31A472MF200 Datasheet
80Kb / 1P
Aluminum Electrolytic, 85C, ALS31, 4700 uF, 20%, 200 V, -40/85C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com