Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE352 Datasheet (PDF) - NTE Electronics

NTE352 Datasheet PDF - NTE Electronics
Part # NTE352
Download  NTE352 Download
File Size   20.37 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)

NTE352 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE352 Datasheet PDF - NTE Electronics

Part # NTE352
Download  NTE352 Click to download

File Size   20.37 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)

NTE352 Datasheet (HTML) - NTE Electronics


NTE352 Product details

Description:
The NTE352 is a silicon NPN transistor in a W65 type package designed primarily for use in 12.5V VHF large–signal power amplifier applications required in commercial and industrial FM equipment to 175MHz.

Features:
● Specified 12.5V, 175MHz Characteristics:
    Output Power = 75W
    Minimum Gain = 7.0dB
    Efficiency = 55%
● Characterized with Series Equivalent large–Signal Impedance Parameters
● Internal Matching Network Optimized for Minimum Gain Frequency Slope Response over the Range 136 to 175MHz
● Load Mismatch capability at Rated POUT and Supply Voltage




Similar Part No. - NTE352

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power AMP
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
More results


Similar Description - NTE352

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2355 NTE-NTE2355 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 10k Bias Resistors
NTE2357 NTE-NTE2357 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 22k Bias Resistors
NTE2359 NTE-NTE2359 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
NTE2367 NTE-NTE2367 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2369 NTE-NTE2369 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2414 NTE-NTE2414 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In Bias 10k Resistors (Surface Mount)
NTE2418 NTE-NTE2418 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com