Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8995MA Datasheet (PDF) - Micrel Semiconductor

KS8995MA Datasheet PDF - Micrel Semiconductor
Part # KS8995MA
Download  KS8995MA Download
File Size   368.63 Kbytes
Page   73 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Integrated 5-Port 10/100 Managed Switch

KS8995MA Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8995MA Datasheet PDF - Micrel Semiconductor

Part # KS8995MA
Download  KS8995MA Click to download

File Size   368.63 Kbytes
Page   73 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Integrated 5-Port 10/100 Managed Switch

KS8995MA Datasheet (HTML) - Micrel Semiconductor


KS8995MA Product details

General Description

The KS8995MA/FQ is a highly-integrated Layer 2 managed switch with optimized bill of materials (BOM) cost for low port count, cost-sensitive 10/100Mbps switch systems with both copper and optic fiber media. It also provides an extensive feature set such as tag/port based VLAN, quality of service (QoS) priority, management, MIB counters, dual MII interfaces and CPU control/data interfaces to effectively address both current and emerging fast Ethernet applications.



Features

• Integrated switch with five MACs and five fast Ethernet transceivers fully-compliant to IEEE 802.3u standard

• Shared memory based switch fabric with fully non blocking configuration

• 1.4Gbps high-performance memory bandwidth

• 10BASE-T, 100BASE-TX, and 100BASE-FX modes

• Dual MII configuration: MII-Switch (MAC or PHY mode MII) and MII-P5 (PHY mode MII).

• IEEE 802.1q tag-based VLAN (16 VLANs, full-range VID) for DMZ port, WAN/LAN separation or inter VLAN switch links

• VLAN ID tag/untag options, per-port basis

• Programmable rate limiting 0Mbps to 100Mbps, ingress and egress port, rate options for high and low priority, per-port basis in 32Kbps increments

• Flow control or drop packet rate limiting (ingress port)

• Integrated MIB counters for fully-compliant statistics gathering, 34 MIB counters per port

• Enable/Disable option for huge frame size up to 1916 bytes per frame

• IGMP v1/v2 snooping for multicast packet filtering

• Special tagging mode to send CPU info on ingress packet’s port value

• SPI slave (complete) and MDIO (MII PHY only) serial management interface for control of register configuration

• MAC-id based security lock option

• Control registers configurable on-the-fly (port priority, 802.1p/d/q, AN...)

• CPU read access to MAC forwarding table entries

• 802.1d spanning tree protocol

• Port mirroring/monitoring/sniffing: ingress and/or egress traffic to any port or MII

• Broadcast storm protection with % control – global and per-port basis

• Optimization for fiber-to-copper media conversion

• Full-chip hardware power-down support (register configuration not saved)

• Per-port based software power-save on PHY (idle link detection, register configuration preserved)

• QoS/CoS packets prioritization supports:

   − Per port, 802.1p and DiffServ based

• 802.1p/q tag insertion or removal on a per-port basis (egress)

• MDC and MDI/O interface support to access the MII PHY control registers (not all control registers)

• MII local loopback support

• On-chip 64Kbyte memory for frame buffering (not shared with 1K unicast address table)

• Wire-speed reception and transmission

• Integrated look-up engine with dedicated 1K MAC addresses

• Full duplex IEEE 802.3x and half-duplex back pressure flow control

• Comprehensive LED support

• 7-wire SNI support for legacy MAC interface

• Automatic MDI/MDI-X crossover for plug-and-play

• Disable automatic MDI/MDI-X option

• Low power:

   − Core: 1.8V

   − Digital I/O: 3.3V

   − Analog I/O: 3.3V

• 0.18µm CMOS technology

• Temperature ranges:

   − Commercial: 0°C to +70°C

   − Industrial: –40°C to +85°C

• Available in 128-pin PQFP package



Applications

• Broadband gateway/firewall/VPN

• Integrated DSL or cable modem multi-port router

• Wireless LAN access point plus gateway

• Home networking expansion

• Standalone 10/100 switch

• Hotel/campus/MxU gateway

• Enterprise VoIP gateway/phone

• FTTx customer premise equipment

• Managed media converter



 




Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
More results


Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
Integrated 5-Port 10/100 Managed Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
Integrated 5-Port 10/100 Managed Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com