Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR90 Datasheet (PDF) - Infineon Technologies AG

BAR90 Datasheet PDF - Infineon Technologies AG
Part # BAR90
Download  BAR90 Download
File Size   711.4 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Optimized for low bias current antenna switches in hand held applications

BAR90 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAR90 Datasheet PDF - Infineon Technologies AG

Part # BAR90
Download  BAR90 Click to download

File Size   711.4 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Optimized for low bias current antenna switches in hand held applications

BAR90 Datasheet (HTML) - Infineon Technologies AG


BAR90 Product details

Silicon Deep Trench PIN Diodes
• Optimized for low bias current antenna
switches in hand held applications
• Very low capacitance at zero volt
reverse bias at frequencies
above 1GHz (typ. 0.19 pF)
• Low forward resistance
(typ. 1.3 Ω @ IF = 3 mA)
• Improved ON / OFF mode harmonic
distortion balance
• Pb-free (RoHS compliant) packag




Similar Part No. - BAR90

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02LRH INFINEON-BAR90-02LRH Datasheet
904Kb / 10P
Silicon Deep Trench PIN Diodes
2010-03-05
More results


Similar Description - BAR90

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120080013 MOLEX11-1120080013 Datasheet
510Kb / 3P
Hand Held Digital NetMeter for DeviceNet
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com