Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD98N Datasheet (PDF) - Infineon Technologies AG

DD98N Datasheet PDF - Infineon Technologies AG
Part # DD98N
Download  DD98N Download
File Size   604.97 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Pressure contact technology for high reliability

DD98N Datasheet (PDF)

Go To PDF Page Download Datasheet
DD98N Datasheet PDF - Infineon Technologies AG

Part # DD98N
Download  DD98N Click to download

File Size   604.97 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Pressure contact technology for high reliability

DD98N Datasheet (HTML) - Infineon Technologies AG


DD98N Product details

Key Parameters
   VDRM / VRRM 2000 - 2500 V
   IFAVM 98 A (TC=100 °C)
   IFSM 3570A (T 2400 A C=55°C)
   VT0 0,82 V
   rT 2,0 mΩ
   RthJC 0,185 K/W
   Base plate 20 mm
   Weight 160 g

Features
• Pressure contact technology for high reliability
• Industrial standard package
• Electrically insulated base plate

Typical Applications
• Rectifier for drives applications
• Rectifiers for UPS
• Battery chargers




Similar Part No. - DD98N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD98N EUPEC-DD98N Datasheet
218Kb / 9P
Rectifier Diode Module
More results


Similar Description - DD98N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
Pressure contact technology for high reliability
2014-03-10 Revision 3.1
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
Pressure contact technology for high reliability
2016-09-27 Revision 3.0
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
Pressure contact technology for high reliability
2018-04-17 Revision 3.3
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com