Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62256ADC10 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

U62256ADC10 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # U62256ADC10
Download  U62256ADC10 Download
File Size   164.41 Kbytes
Page   10 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description STANDARD 32K X 8 SRAM

U62256ADC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
U62256ADC10 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # U62256ADC10
Download  U62256ADC10 Click to download

File Size   164.41 Kbytes
Page   10 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description STANDARD 32K X 8 SRAM

U62256ADC10 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


U62256ADC10 Product details

Description
The U62256A is a static RAM manufactured using a CMOS process technology with the following operating modes:
    - Read - Standby
    - Write - Data Retention
The memory array is based on a 6-transistor cell.
   
Features
❐ 32768x8 bit static CMOS RAM
❐ Access times 70 ns, 100 ns
❐ Common data inputs and
    data outputs
❐ Three-state outputs
❐ Typ. operating supply current
    70 ns: 50 mA
    100 ns: 40 mA
❐ TTL/CMOS-compatible
❐ Automatical reduction of power
    dissipation in long Read Cycles
❐ Power supply voltage 5 V + 10 %
❐ Operating temperature ranges
    0 to 70 °C
    -40 to 85 °C
    -40 to 125 °C
❐ QS 9000 Quality Standard
❐ ESD protection > 2000 V
    (MIL STD 883C M3015.7)
❐ Latch-up immunity >100 mA
❐ Packages: PDIP28 (600 mil)
                      SOP28 (330 mil)
   




Similar Part No. - U62256ADC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
STANDARD 32K X 8 SRAM
More results


Similar Description - U62256ADC10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
32K x 8 256Kb Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com