Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8042B Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL8042B Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL8042B
Download  BL8042B Download

File Size   818.42 Kbytes
Page   6 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter

BL8042B Datasheet (PDF)

Go To PDF Page Download Datasheet
BL8042B Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL8042B
Download  BL8042B Click to download

File Size   818.42 Kbytes
Page   6 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter

BL8042B Datasheet (HTML) - SHANGHAI BELLING CO., LTD.

BL8042B Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8042B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8042B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8042B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8042B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8042B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.



Similar Part No. - BL8042B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
   High Efficiency 1.2MHz 30V Boost
More results


Similar Description - BL8042B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
   High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
List of Unclassifed Man...
SX1308 ETC1-SX1308 Datasheet
849Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter 85T
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
   750kHz/1.2MHz Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
   High Efficiency 1.2MHz, 2A Step Up Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com