Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27US08121M Datasheet (PDF) - Hynix Semiconductor

HY27US08121M Datasheet PDF - Hynix Semiconductor
Part # HY27US08121M
Download  HY27US08121M Download
File Size   729.94 Kbytes
Page   43 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 512Mbit (64Mx8bit / 32Mx16bit) NAND Flash

HY27US08121M Datasheet (PDF)

Go To PDF Page Download Datasheet
HY27US08121M Datasheet PDF - Hynix Semiconductor

Part # HY27US08121M
Download  HY27US08121M Click to download

File Size   729.94 Kbytes
Page   43 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 512Mbit (64Mx8bit / 32Mx16bit) NAND Flash

HY27US08121M Datasheet (HTML) - Hynix Semiconductor


HY27US08121M Product details

DESCRIPTION
The HYNIX HY27(U/S)SXX121M series is a family of non-volatile Flash memories that use NAND cell technology. The devices operate 3.3V and 1.8V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264 Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width.
The address lines are multiplexed with the Data Input/ Output signals on a multiplexed x8 or x16 Input/ Output bus.
This interface reduces the pin count and makes it possible to migrate to other densities without changing the footprint.

Each block can be programmed and erased over 100,000 cycles. To extend the lifetime of NAND Flash devices it is strongly recommended to implement an Error Correction Code (ECC). A Write Protect pin is available to give a hardware protection against program and erase operations.

The devices feature an open-drain Ready/Busy output that can be used to identify if the Program/ Erase/Read (PER) Controller is currently active. The use of an open-drain output allows the Ready/ Busy pins from several memories to be connected to a single pull-up resistor.

A Copy Back command is available to optimize the management of defective blocks. When a Page Program operation fails, the data can be programmed in another page without having to resend the data to be programmed.




Similar Part No. - HY27US08121M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27US08121A HYNIX-HY27US08121A Datasheet
419Kb / 49P
512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121B HYNIX-HY27US08121B Datasheet
238Kb / 16P
512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
More results


Similar Description - HY27US08121M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EP501 ACTEL-EP501 Datasheet
118Kb / 3P
EP501 NAND Flash Controller
logo
Hynix Semiconductor
HY27SS08121A HYNIX-HY27SS08121A Datasheet
419Kb / 49P
512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
4Gbit (512Mx8bit) NAND Flash
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
8Gb NAND FLASH
HY27US08121B HYNIX-HY27US08121B Datasheet
238Kb / 16P
512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
NAND Flash
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
3D NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
1Gb NAND Flash
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com