Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE470 Datasheet (PDF) - NTE Electronics

NTE470 Datasheet PDF - NTE Electronics
Part # NTE470
Download  NTE470 Download
File Size   24.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output

NTE470 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE470 Datasheet PDF - NTE Electronics

Part # NTE470
Download  NTE470 Click to download

File Size   24.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output

NTE470 Datasheet (HTML) - NTE Electronics


NTE470 Product details

Description:

The NTE470 is a silicon NPN RF transistor in a W52 type package designed primarily for application as a high–power linear amplifier from 2.0 to 30MHz.



Features:

• Specified 12.5V, 30MHz Characteristics:

   Output Power = 100W (PEP)

   Minimum Gain = 10dB

   Efficiency = 40%

• Intermodulation Distortion @ 100W (PEP): IMD = –30dB Min

• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR



 




Similar Part No. - NTE470

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE47 NTE-NTE47 Datasheet
22Kb / 2P
Silicon NPN Transistor High Gain, Low Noise Amp
NTE471 NTE-NTE471 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output PO = 100W @ 30MHz
NTE472 NTE-NTE472 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz
NTE473 NTE-NTE473 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Driver
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
More results


Similar Description - NTE470

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE317 NTE-NTE317 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE318 NTE-NTE318 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE476 NTE-NTE476 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE477 NTE-NTE477 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE488 NTE-NTE488 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE339 NTE-NTE339 Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power Output
NTE341 NTE-NTE341 Datasheet
76Kb / 2P
Silicon NPN Transistor RF Power Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com