Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3441 Datasheet (PDF) - Toshiba Semiconductor

2SK3441 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3441
Download  2SK3441 Download
File Size   233.56 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)

2SK3441 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3441 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3441
Download  2SK3441 Click to download

File Size   233.56 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)

2SK3441 Datasheet (HTML) - Toshiba Semiconductor


2SK3441 Product details

DC-DC Converter Applications
Relay Drive and Motor Drive Applications

• Low drain-source ON resistance: RDS (ON)= 4.5 mΩ(typ.)
• High forward transfer admittance: |Yfs| = 80 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS= 60 V)
• Enhancement mode: Vth= 1.3 to 2.5 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441 Datasheet
189Kb / 6P
Silicon N Channel MOS Type DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441 Datasheet
190Kb / 6P
DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_06 Datasheet
189Kb / 6P
Silicon N Channel MOS Type DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_09 Datasheet
190Kb / 6P
DC-DC Converter Applications
More results


Similar Description - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com