Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1202 Datasheet (PDF) - List of Unclassifed Manufacturers

XE1202 Datasheet PDF - List of Unclassifed Manufacturers
Part # XE1202
Download  XE1202 Download
File Size   451.11 Kbytes
Page   26 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low-power, integrated UHF transceiver

XE1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE1202 Datasheet PDF - List of Unclassifed Manufacturers

Part # XE1202
Download  XE1202 Click to download

File Size   451.11 Kbytes
Page   26 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low-power, integrated UHF transceiver

XE1202 Datasheet (HTML) - List of Unclassifed Manufacturers


XE1202 Product details

[XEMICS]

GENERAL DESCRIPTION
The XE1202 is a single chip transceiver operating in the 433, 868 and 915MHz license free ISM (Industry Scientific and Medical) frequency bands. Its highly integrated architecture allows for minimum external components while maintaining design flexibility. All major RF communication parameters are programmable and most of them can be dynamically set.

KEY PRODUCT FEATURES
• Programmable RF output power: up to +15dBm
• High reception sensitivity: down to –113dBm
• Low power consumption: RX=14mA; TX = 48mA @15 dBm output power
• Supply voltage down to 2.7V
• Wide band operation: 400kHz channels for data rates of up to 76.8kbps, NRZ coding
• Narrow band operation: down to 25kHz channels for data rates of 4.8kbps, NRZ coding
• On-chip frequency synthesizer with steps of 500Hz
• Continuous phase 2-level FSK modulation
• Incoming data pattern recognition
• Built-in Bit-Synchronizer for incoming data and clock synchronization and recovery
• RSSI (Received Signal Strength Indicator) and FEI (Frequency Error Indicator)

APPLICATIONS
• Narrow-band and wide-band security systems
• Voice and data over an RF link
• Process and building control
• Access control
• Home automation
• Home appliances interconnection




Similar Part No. - XE1202

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE1202 OKAYA-XE1202 Datasheet
401Kb / 1P
SPARK QUENCHER
XE1202 OKAYA-XE1202 Datasheet
76Kb / 1P
SPARK QUENCHER
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1202AI027TRLF SEMTECH-XE1202AI027TRLF Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Similar Description - XE1202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
LOW POWER UHF TRANSCEIVER
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com