Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH175 Datasheet (PDF) - Anachip Corp

AH175 Datasheet PDF - Anachip Corp
Part # AH175
Download  AH175 Download
File Size   162.13 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Hall Effect Latch For High Temperature

AH175 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH175 Datasheet PDF - Anachip Corp

Part # AH175
Download  AH175 Click to download

File Size   162.13 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Hall Effect Latch For High Temperature

AH175 Datasheet (HTML) - Anachip Corp


AH175 Product details

General Description
AH175 is a single-digital-output Hall-effect sensor for high temperature operation. The device includes an on-chip Hall voltage generator for magnetic sensing, an amplifier to amplify Hall voltage, and a comparator to provide switching hysteresis for noise rejection, and an open-collector output pre-driver. An internal bandgap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range.

Features
- Bipolar Hall effect latch sensor
- 3.5V to 20V DC operation voltage
- Open collector pre-driver
- 25mA output sink current
- Chip power reverse-connection protection
- Operating temperature: −40°C ~ +125°C
- Package: SIP3, SOT23

Applications
- Rotor position sensing
- Current switch
- Encoder
- RPM detection




Similar Part No. - AH175

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175 DIODES-AH175 Datasheet
166Kb / 9P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
Rev ersal
AH175-PG-7 DIODES-AH175-PG-7 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH175-PG-7-A DIODES-AH175-PG-7-A Datasheet
118Kb / 8P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175-PG-7-B DIODES-AH175-PG-7-B Datasheet
118Kb / 8P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
More results


Similar Description - AH175

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
Internal Pull-up Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
Inverted Output Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH175 DIODES-AH175 Datasheet
118Kb / 8P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
HALL EFFECT LATCH FOR HIGH TEMPERATURE
Rev ersal
logo
Unisonic Technologies
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
Hall Effect Latch IC For High Temperature
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com