Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4838 Datasheet (PDF) - Anpec Electronics Coropration

APA4838 Datasheet PDF - Anpec Electronics Coropration
Part # APA4838
Download  APA4838 Download
File Size   244.63 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain

APA4838 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA4838 Datasheet PDF - Anpec Electronics Coropration

Part # APA4838
Download  APA4838 Click to download

File Size   244.63 Kbytes
Page   29 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain

APA4838 Datasheet (HTML) - Anpec Electronics Coropration


APA4838 Product details

General Description

The APA4838 is a monolithic integrated circuit , which provides DC volume control , and a stereo bridged audio power amplifiers capable of producing 2.8W (2.3W) into 3Ω with less than 10% (1.0%) THD+N. APA4838 includes a DC volume control , stereo bridge-tied and single-ended audio power amplifiers , stereo docking outputs , and a selectable gain control , that makes it optimally fittable for notebook PC, multimedia monitors, and other portable applications.



Features

• Operating Voltage : 4.5V to 5V

• Stereo switchable bridged/single-ended power amplifiers

• DC Volume Control Interface , 0dB to –78dB with precision scale

• Supply Current, IDD = 15mA at Stereo BTL

• Low Shutdown Current, IDD = 0.7µA

• Bridge-Tied Load (BTL) or Single-Ended-(SE) Modes Operation

• Output Power at 1% THD+N , VDD=5V

   – 2.3W/Ch (typ) into a 3 Ω Load

   – 2.0W/Ch (typ) into a 4 Ω Load

   – 1.2W/Ch (typ) into a 8 Ω Load

• Output Power at 10% THD+N , VDD=5V

   – 2.8W/Ch (typ) into a 3 Ω Load

   – 2.3W/Ch (typ) into a 4 Ω Load

   – 1.5W/Ch (typ) into a 8Ω Load

• Single-ended mode at 1.0% THD+N

   – 95mW/Ch (typ) into 32Ω Load

• Depop Circuitry Integrated

• Thermal shutdown protection and over current protection circuitry

• High supply voltage ripple rejection

• PC99 Compliant

• 28-pin TSSOP-P (with enhanced thermal pad) power package available



Applications

• Notebook and Desktop Computers

• Multimedia Monitors

• Portable Applications



 




Similar Part No. - APA4838

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TR ANPEC-APA4835RI-TR Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4835RI-TU ANPEC-APA4835RI-TU Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results


Similar Description - APA4838

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com