Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355B Datasheet (PDF) - Cypress Semiconductor

CY7C1355B Datasheet PDF - Cypress Semiconductor
Part # CY7C1355B
Download  CY7C1355B Download
File Size   560.17 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture

CY7C1355B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1355B Datasheet PDF - Cypress Semiconductor

Part # CY7C1355B
Download  CY7C1355B Click to download

File Size   560.17 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture

CY7C1355B Datasheet (HTML) - Cypress Semiconductor


CY7C1355B Product details

Functional Description[1]
The CY7C1355B/CY7C1357B is a 3.3V, 256K x 36/ 512K x 18 Synchronous Flow-through Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1355B/CY7C1357B is equipped with the advanced No Bus Latency (NoBL) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of data through the SRAM, especially in systems that require frequent Write-Read transitions.

Features
• No Bus Latency™ (NoBL™) architecture eliminates dead cycles between write and read cycles.
• Can support up to 133-MHz bus operations with zero wait states
   — Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self-timed output buffer control to eliminate the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 3.3V/2.5V I/O power supply
• Fast clock-to-output times
   — 6.5 ns (for 133-MHz device)
   — 7.0 ns (for 117-MHz device)
   — 7.5 ns (for 100-MHz device)
• Clock Enable (CEN) pin to enable clock and suspend operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• Offered in JEDEC-standard 100 TQFP, 119-Ball BGA and 165-Ball fBGA packages
• Three chip enables for simple depth expansion.
• Automatic Power-down feature available using ZZ mode or CE deselect.
• JTAG boundary scan for BGA and fBGA packages
• Burst Capability—linear or interleaved burst order
• Low standby power




Similar Part No. - CY7C1355B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-100AC CYPRESS-CY7C1355A-100AC Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-100BGC CYPRESS-CY7C1355A-100BGC Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-117AC CYPRESS-CY7C1355A-117AC Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-117AI CYPRESS-CY7C1355A-117AI Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
More results


Similar Description - CY7C1355B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com