Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB1 Datasheet (PDF) - NEC

FB1 Datasheet PDF - NEC
Part # FB1
Download  FB1 Download
File Size   111.96 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

FB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FB1 Datasheet PDF - NEC

Part # FB1
Download  FB1 Click to download

File Size   111.96 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

FB1 Datasheet (HTML) - NEC


FB1 Product details

on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching

FEATURES
• Up to 0.7 A current drive available
• On-chip bias resistor
• Low power consumption during drive




Similar Part No. - FB1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FB1 FUJITSU-FB1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
0.3mm Pitch, 0.9mm Height FPC Connector
logo
Stackpole Electronics, ...
FB10 SEI-FB10 Datasheet
762Kb / 17P
Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
FLEXTRAL
FB10 FLEXTRAL-FB10 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
FB10-150 FLEXTRAL-FB10-150 Datasheet
310Kb / 1P
FB10 Food Transfer Hose
V04.21
More results


Similar Description - FB1

ManufacturerPart #DatasheetDescription
logo
NEC
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
COMPOUND TRANSISTOR
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
COMPOUND TRANSISTOR
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
COMPOUND TRANSISTOR
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
Compound Transistor
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
COMPOUND TRANSISTOR
2002
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
BA1L3N RENESAS-BA1L3N Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com