Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF53G Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

SF53G Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # SF53G
Download  SF53G Download
File Size   145.43 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes

SF53G Datasheet (PDF)

Go To PDF Page Download Datasheet
SF53G Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # SF53G
Download  SF53G Click to download

File Size   145.43 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes

SF53G Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.


SF53G Product details

FEATURES
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Exceeds environmental standards of MIL-S-19500/228.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - SF53G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF53G MIC-SF53G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF53G CHONGQING-SF53G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF53G SECOS-SF53G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SF53G FCI-SF53G Datasheet
504Kb / 2P
5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
logo
Yea Shin Technology Co....
SF53G YEASHIN-SF53G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
More results


Similar Description - SF53G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
ED502T PANJIT-ED502T_03 Datasheet
46Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
logo
DAESAN ELECTRONIC CORP.
BY550-50 DAESAN-BY550-50 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
SF21G YEASHIN-SF21G Datasheet
79Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 2.0 Amperes
SF31G YEASHIN-SF31G Datasheet
53Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
SF51G YEASHIN-SF51G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50_15 Datasheet
158Kb / 2P
Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com