Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56758FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M56758FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M56758FP
Download  M56758FP Download
File Size   334.07 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 5 CHANNEL ACTUATOR MOTOR DRIVER

M56758FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M56758FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M56758FP
Download  M56758FP Click to download

File Size   334.07 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 5 CHANNEL ACTUATOR MOTOR DRIVER

M56758FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M56758FP Product details

DESCRIPTION
The M56758FP is a semiconductor integrated circuit designed for a actuator driver used for MD, CD-audio, etc. This device can function 5-channel-actuators by 1 chip due to include 5 channel BTL drivers.
Sufficient output dynamic range can be obtained by low supply voltage because saturation voltage of power output is low. All channels include level shift circuit in order that output swings most suitably although reference voltage of signal disposal system in each system becomes 1.5V. And, differential PWM control is possible since all channels are composed of Differential input structure. Also, as this device includes general purpose OP amp, it is suited to wide-ransing application. Further more, this devise is able to power save since it includes mute circuit.

FEATURES
● 3.3V DSP available
● Low saturation voltage.
   (Typical 1.35V at load current 0.5A and no bootstrap condition.)
   Absolute maximum rating of load current: CH1 – 5 500mA
   A bootstrap function is available.
● There are two motor power supplies.
   Vm1 CH1, 2 motor power supply-1
   Vm2 CH3, 4, 5 motor power supply-2
● Built-in OP amp. for Regulator. (Enables Regulator structure by
   using external PNP Tr. and resistor.)
● Flexible Input amp. setting.
   Enables PWM control.
● Low cross-over distortion.
● Wide supply voltage range. (4.5V – 13.2V)
● Built-in Thermal protection.
● Built-in Mute circuit. (two systems)
   MUTE1: CH1 – 4, MUTE2: CH5

APPLICATION
   MD, CD-audio, CD-ROM, VCD, DVD etc.




Similar Part No. - M56758FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
3-PHASE BRUSHLESS MOTOR DRIVER
logo
Renesas Technology Corp
M56750FP RENESAS-M56750FP Datasheet
118Kb / 9P
3-PHASE BRUSHLESS MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56754 MITSUBISHI-M56754 Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Similar Description - M56758FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
4 CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
5 CHANNEL ACTUATOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
4-CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
5-CHANNEL MOTOR DRIVER
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
5 CHANNEL ACTUATOR DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com