Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR38163 Datasheet (PDF) - Infineon Technologies AG

IR38163 Datasheet PDF - Infineon Technologies AG
Part # IR38163
Download  IR38163 Download
File Size   2932.41 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-input Voltage, 15A & 30A Buck Regulators with SVID

IR38163 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR38163 Datasheet PDF - Infineon Technologies AG

Part # IR38163
Download  IR38163 Click to download

File Size   2932.41 Kbytes
Page   62 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-input Voltage, 15A & 30A Buck Regulators with SVID

IR38163 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IR38163

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38164 INFINEON-IR38164 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
IR38164MTRPBFAUMA1 INFINEON-IR38164MTRPBFAUMA1 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
More results


Similar Description - IR38163

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
logo
International Rectifier
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_13 Datasheet
283Kb / 20P
Low Voltage Buck Regulators
May, 2013 ??Rev. 21
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38263 INFINEON-IR38263 Datasheet
2Mb / 59P
Single-input Voltage, 30A Buck Regulators with PVID
Rev 3.3 December 14, 2017
IR38265 INFINEON-IR38265 Datasheet
2Mb / 53P
Single-input Voltage, 30A Buck Regulators with PVID
Rev 3.3 December 14, 2017
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
Single Synchronous Buck Regulators with Integrated FET
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38164 INFINEON-IR38164 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
TDA38640 INFINEON-TDA38640 Datasheet
2Mb / 70P
TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com