Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3802 Datasheet (PDF) - Mitsubishi Electric Semiconductor

3802 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 3802
Download  3802 Download
File Size   692.45 Kbytes
Page   51 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3802 Datasheet (PDF)

Go To PDF Page Download Datasheet
3802 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 3802
Download  3802 Click to download

File Size   692.45 Kbytes
Page   51 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3802 Datasheet (HTML) - Mitsubishi Electric Semiconductor


3802 Product details

DESCRIPTION
 The 3802 group is the 8-bit microcomputer based on the 740 family core technology. The 3802 group is designed for controlling systems that require analog signal processing and include two serial I/O functions, A-D converters, and D-A converters. The various microcomputers in the 3802 group include variations of internal memory size and packaging. For details, refer to the section on part numbering. For details on availability of microcomputers in the 3802 group, refer to the section on group expansion.

FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time ............................ 0.5 µs (at 8 MHz oscillation frequency)
• Memory size
    ROM .................................................................. 8 K to 32 K bytes
    RAM ................................................................. 384 to 1024 bytes
• Programmable input/output ports ............................................. 56
• Interrupts .................................................. 16 sources, 16 vectors
• Timers ............................................................................. 8 bit ✕4
• Serial I/O1 .................... 8-bit ✕1 (UART or Clock-synchronized)
• Serial I/O2 .................................... 8-bit ✕1 (Clock-synchronized)
• PWM ................................................................................8-bit ✕1
• A-D converter .................................................. 8-bit ✕8 channels
• D-A converter.................................................. 8-bit ✕2 channels
• Clock generating circuit ....................... Internal feedback resistor
    (connect to external ceramic resonator or quartz-crystal oscillator)
• Power source voltage ..................................................3.0 to 5.5 V
    (Extended operating temperature version : 4.0 to 5.5 V)
• Power dissipation ............................................................... 32 mW
• Memory expansion possible
• Operating temperature range .................................... –20 to 85°C
    (Extended operating temperature version : –40 to 85°C)

 




Similar Part No. - 3802

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3802 RENESAS-3802 Datasheet
669Kb / 52P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3802 RENESAS-3802 Datasheet
1Mb / 208P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Adafruit Industries
3802 ADAFRUIT-3802 Datasheet
2Mb / 4P
TT Motor All-Metal Gearbox - 1:90 Gear Ratio
5-31-18
logo
Altech corporation
38020 ALTECH-38020 Datasheet
120Kb / 2P
ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Optronics International
3802071BZL OPTRONICS-3802071BZL Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results


Similar Description - 3802

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com