Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1556 Datasheet (PDF) - Maxim Integrated Products

MAX1556 Datasheet PDF - Maxim Integrated Products
Part # MAX1556
Download  MAX1556 Download
File Size   510.17 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1556 Evaluation Kit

MAX1556 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1556 Datasheet PDF - Maxim Integrated Products

Part # MAX1556
Download  MAX1556 Click to download

File Size   510.17 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1556 Evaluation Kit

MAX1556 Datasheet (HTML) - Maxim Integrated Products


MAX1556 Product details

General Description

The MAX1556/MAX1556A/MAX1557 are low-operating current (16µA), fixed-frequency step-down regulators. High efficiency, low-quiescent operating current, low dropout, and minimal (27µA) quiescent current in dropout make these converters ideal for powering portable devices from 1-cell Li-ion or 3-cell alkaline/NiMH batteries. The MAX1556 delivers up to 1.2A; has pin selectable 1.8V, 2.5V, and 3.3V outputs; and is also adjustable. The MAX1557 delivers up to 600mA; has pin

selectable 1V, 1.3V, and 1.5V outputs; and is also adjustable.



Features

♦Up to 97% Efficiency

♦95% Efficiency at 1mA Load Current

♦Low 16µA Quiescent Current

♦1MHz PWM Switching

♦Tiny 3.3µH Inductor

♦Selectable 3.3V, 2.5V, 1.8V, 1.5V, 1.3V, 1.2V, 1.0V, and Adjustable Output

♦1.2A Guaranteed Output Current (MAX1556/MAX1556A)

♦Voltage Positioning Optimizes Load-Transient Response

♦Low 27µA Quiescent Current in Dropout

♦Low 0.1µA Shutdown Current

♦No External Schottky Diode Required

♦Analog Soft-Start with Zero Overshoot Current

♦Small, 10-Pin, 3mm x 3mm TDFN Package




Similar Part No. - MAX1556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556 Datasheet
718Kb / 12P
16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
MAX1556 MAXIM-MAX1556 Datasheet
280Kb / 12P
16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
MAX1556A MAXIM-MAX1556A Datasheet
280Kb / 12P
16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556AETB+ MAXIM-MAX1556AETB+ Datasheet
280Kb / 12P
16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results


Similar Description - MAX1556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com