Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2345 Datasheet (PDF) - Asahi Kasei Microsystems

AK2345 Datasheet PDF - Asahi Kasei Microsystems
Part # AK2345
Download  AK2345 Download
File Size   1058.1 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description CTCSS(Continuous Tone Controlled Squelch System

AK2345 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK2345 Datasheet PDF - Asahi Kasei Microsystems

Part # AK2345
Download  AK2345 Click to download

File Size   1058.1 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description CTCSS(Continuous Tone Controlled Squelch System

AK2345 Datasheet (HTML) - Asahi Kasei Microsystems


AK2345 Product details

CTCSS Encoder/Decoder with Voice Signal Circuit



Continuous Tone Controlled Squelch System (CTCSS) Encoder/Decoder

Can be programmed with up to 50 frequencies

Built-in high speed tone decoder (Typ. : 150ms@67Hz)

Integrated voice signal circuits such as limiter, splatter filter, etc.

Built-in tone signal elimination filter

Built-in (3.6864 MHz or 4.194304 MHz) oscillator circuit with crystal oscillator

Low voltage operation: 1.8 V to 5.5 V

24-pin VSOP package




Similar Part No. - AK2345

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2347 AKM-AK2347 Datasheet
229Kb / 33P
AUDIO LSI
AK2347A AKM-AK2347A Datasheet
350Kb / 34P
Two-way Radio Audio & Sub-Audio Processor
AK2347B AKM-AK2347B Datasheet
341Kb / 34P
Two-way Radio Audio & Sub-Audio Processor
More results


Similar Description - AK2345

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1295 NSC-LM1295 Datasheet
253Kb / 11P
DC Controlled Geometry Correction System for Continuous Sync Monitors
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
logo
STMicroelectronics
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
logo
CML Microcircuits
FX335 CMLMICRO-FX335 Datasheet
380Kb / 8P
CTCSS ENCODER / DECODER
FX818 CMLMICRO-FX818 Datasheet
672Kb / 26P
CTCSS SIGNALLING PROCESSOR
MX325 CMLMICRO-MX325 Datasheet
320Kb / 7P
CTCSS ENCODER / DECODER
MX335 CMLMICRO-MX335 Datasheet
440Kb / 9P
CTCSS ENCODER / DECODER
logo
STMicroelectronics
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com