Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1077 Datasheet (PDF) - Intersil Corporation

AN1077 Datasheet PDF - Intersil Corporation
Part # AN1077
Download  AN1077 Download
File Size   931.57 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure

AN1077 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN1077 Datasheet PDF - Intersil Corporation

Part # AN1077
Download  AN1077 Click to download

File Size   931.57 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure

AN1077 Datasheet (HTML) - Intersil Corporation


AN1077 Product details

Description
The AMD Hammer family microprocessors feature higher clock speeds and greater device density than previous product families. The power management solution for this next generation family of microprocessors must contend with lower core voltages, tighter transient specifications, and higher peak current demands. Responding to the changing power management needs of its customers, Intersil introduces the ISL6244 controller to power the AMD Hammer family microprocessors.

Features
• Multi-Phase Power Conversion
    - 2, 3 or 4 Phase Operation
• Precision rDS(ON) Current Sharing
    - Lossless
    - Low Cost
• Precision CORE Voltage Regulation
    - Differential Remote Output Voltage Sensing
    - Programmable Reference Offset
    - ±1% System Accuracy
• Programmable Droop Voltage
• Excellent Dynamic Response
    - Combined Input Voltage Feed-Forward and Pulse-by-Pulse Average Current Mode




Similar Part No. - AN1077

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1077 STMICROELECTRONICS-AN1077 Datasheet
86Kb / 14P
OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
More results


Similar Description - AN1077

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
December 3, 2012
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
STMicroelectronics
AN1778 STMICROELECTRONICS-AN1778 Datasheet
27Kb / 2P
STR7 ARM MULTI-ICE SETUP
Rev. 1.0
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
Si477X EVALUATION BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
EVALUATION BOARD TEST PROCEDURE
logo
STMicroelectronics
EVAL-L9026-YO STMICROELECTRONICS-EVAL-L9026-YO Datasheet
3Mb / 10P
L9026 configurable multi-channel driver evaluation board
Rev 1 - August 2020
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com