Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8009A Datasheet (PDF) - Renesas Technology Corp

ISL8009A Datasheet PDF - Renesas Technology Corp
Part # ISL8009A
Download  ISL8009A Download
File Size   1019.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator

ISL8009A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8009A Datasheet PDF - Renesas Technology Corp

Part # ISL8009A
Download  ISL8009A Click to download

File Size   1019.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator

ISL8009A Datasheet (HTML) - Renesas Technology Corp


ISL8009A Product details

1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator

The ISL8009A is a high efficiency, monolithic, synchronous step-down DC/DC regulator that can deliver up to 1.5A continuous output current. It is optimized for generating low output voltages down to 0.8V. The supply voltage range of 2.7V to 5.5V allows for the use of single Li+cell, three NiMH cells or a regulated 5V input. The ISL8009A uses current mode control architecture to deliver very low duty cycle operation at high frequency with fast transient response and excellent loop stability.

Features
• High Efficiency Synchronous Buck Regulator with up to 95% Efficiency
• 2ms Reset Timer
• 2.7V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 1.5A Guaranteed Output Current
• 17µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• Less Than 1µA Logic Controlled Shutdown Current
• 90% Maximum Duty Cycle for Lowest Dropout at 1.5A
• Internal Current Mode Compensation
• Internal Digital Soft-Start
• Peak Current Limiting, Short Circuit Protection
• Over-Temperature Protection
• Enable
• Soft Discharge Disable
• Small 8 Ld 2mmx3mm DFN
• Pb-Free (RoHS Compliant)

Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems




Similar Part No. - ISL8009A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8009A INTERSIL-ISL8009A Datasheet
701Kb / 13P
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
November 19, 2009
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL8009AIRZ-T INTERSIL-ISL8009AIRZ-T Datasheet
701Kb / 13P
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
November 19, 2009
More results


Similar Description - ISL8009A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9107 INTERSIL-ISL9107 Datasheet
338Kb / 12P
1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
December 21, 2007
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8009A INTERSIL-ISL8009A Datasheet
701Kb / 13P
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
November 19, 2009
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
March 28, 2008
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL9107 RENESAS-ISL9107 Datasheet
671Kb / 13P
1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com