Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4704 Datasheet (PDF) - Maxim Integrated Products

MAX4704 Datasheet PDF - Maxim Integrated Products
Part # MAX4704
Download  MAX4704 Download
File Size   373.82 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 60廓,4:1 Analog Multiplexer in QFN

MAX4704 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4704 Datasheet PDF - Maxim Integrated Products

Part # MAX4704
Download  MAX4704 Click to download

File Size   373.82 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 60廓,4:1 Analog Multiplexer in QFN

MAX4704 Datasheet (HTML) - Maxim Integrated Products


MAX4704 Product details

General Description
The MAX4704 low-voltage, 4-channel analog multiplexer operates from a single +1.8V to +5.5V supply. The MAX4704 features break-before-make switching action with a tON = 60ns and tOFF = 20ns at +3V.
When powered from a +2.7V supply, the device has a 60Ω (max) on-resistance (RON), with 3Ω (max) RON matching and 5Ω max RON flatness. The digital logic inputs are 1.8V-logic compatible from a +2.7V to +3.3V supply. The MAX4704 is available in both a space-saving 12-pin QFN (3mm x 3mm) package and a 10-pin µMAX package.

Features
♦ 3mm x 3mm 12-Pin QFN Package
♦ Guaranteed On-Resistance:
   60Ω (max) (+2.7V Supply)
   40Ω (max) (+5V Supply)
♦ Guaranteed Match Between Channels: 3Ω (max)
♦ Guaranteed Flatness Over Signal Range: 5Ω (max)
♦ Guaranteed Low Leakage Currents: 100pA (max) at +25°C
♦ Switching Time: tON = 60ns, tOFF = 20ns
♦ +1.8V to +5.5V Single-Supply Operation
♦ Rail-to-Rail Signal Handling
♦ -3dB Bandwidth: >200MHz
♦ Low Crosstalk: -90dB (1MHz)
♦ High Off-Isolation: -85dB (1MHz)
♦ Low 3pC Charge Injection
♦ THD: 0.02%
♦ +1.8V CMOS-Logic Compatible

Applications
   MP3 Players
   Battery-Operated Equipment
   Relay Replacement
   Audio and Video Signal Routing
   Low-Voltage Data-Acquisition Systems
   Communications Circuits
   PCMCIA Cards
   Cellular Phones
   Modems




Similar Part No. - MAX4704

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4704 MAXIM-MAX4704 Datasheet
164Kb / 11P
Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
MAX4704EGC MAXIM-MAX4704EGC Datasheet
164Kb / 11P
Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
MAX4704EUB MAXIM-MAX4704EUB Datasheet
164Kb / 11P
Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
MAX4704 MAXIM-MAX4704_08 Datasheet
164Kb / 11P
Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
More results


Similar Description - MAX4704

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4734 MAXIM-MAX4734 Datasheet
328Kb / 11P
0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Rev 0; 4/02
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4782 SGMICRO-SGM4782 Datasheet
493Kb / 10P
0.5廓, High Speed, Low Voltage Analog Switch / Multiplexer
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
4廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Maxim Integrated Produc...
MAX4704 MAXIM-MAX4704_08 Datasheet
164Kb / 11P
Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
Low-Voltage, 1廓 SPDT Analog Switch
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
logo
Vishay Siliconix
DG4157 VISHAY-DG4157_V01 Datasheet
197Kb / 11P
Low Voltage, 1 Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
27-Jul-15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com