Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2031M05 Datasheet (PDF) - NEC

NESG2031M05 Datasheet PDF - NEC
Part # NESG2031M05
Download  NESG2031M05 Download
File Size   156.95 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR

NESG2031M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG2031M05 Datasheet PDF - NEC

Part # NESG2031M05
Download  NESG2031M05 Click to download

File Size   156.95 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR

NESG2031M05 Datasheet (HTML) - NEC


NESG2031M05 Product details

DESCRIPTION
NECs NESG2031M05 is fabricated using NECs high voltage Silicon Germanium process (UHS2-HV), and is designed for a wide range of applications including low noise amplifiers, medium power amplifiers, and oscillators.
NEC slow profile, flat lead style M05 Package provides high frequency performance for compact wireless designs.

FEATURES
• HIGH BREAKDOWN VOLTAGE SiGe TECHNOLOGY
   VCEO = 5 V (Absolute Maximum)
• LOW NOISE FIGURE:
   NF = 0.8 dBm at 2 GHz
   NF = 1.3 dBm at 5.2 GHz
• HIGH MAXIMUM STABLE GAIN:
   MSG = 21.5 dB at 2 GHz
• LOW PROFILE M05 PACKAGE:
   SOT-343 footprint, with a height of only 0.59 mm
   Flat lead style for better RF performance




Similar Part No. - NESG2031M05

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2031M05 CEL-NESG2031M05 Datasheet
790Kb / 13P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2031M05-A RENESAS-NESG2031M05-A Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2031M05-T1 CEL-NESG2031M05-T1 Datasheet
790Kb / 13P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
NESG2031M05-T1 RENESAS-NESG2031M05-T1 Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
More results


Similar Description - NESG2031M05

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG3031M05 NEC-NESG3031M05 Datasheet
100Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NE856 NEC-NE856 Datasheet
257Kb / 25P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2101M05 NEC-NESG2101M05 Datasheet
172Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG3031M14 NEC-NESG3031M14 Datasheet
99Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
OPTEK Technologies
OP793 OPTEK-OP793 Datasheet
258Kb / 3P
NPN Pho to tran sis tor with Base- Emitter Resistor
1/16
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com