Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB20954 Datasheet (PDF) - Infineon Technologies AG

PEB20954 Datasheet PDF - Infineon Technologies AG
Part # PEB20954
Download  PEB20954 Download
File Size   2467.58 Kbytes
Page   164 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Integrated Digital Echo Canceller

PEB20954 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB20954 Datasheet PDF - Infineon Technologies AG

Part # PEB20954
Download  PEB20954 Click to download

File Size   2467.58 Kbytes
Page   164 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Integrated Digital Echo Canceller

PEB20954 Datasheet (HTML) - Infineon Technologies AG


PEB20954 Product details

Introduction
The Smart Integrated Digital Echo Canceller (SIDEC) suppresses echoes in telecommunication networks which might disturb any kind of terrestrial or wireless communication. It incorporates leading edge CMOS technology as well as INFINEON’s many years experience in Telecommunication ICs.

Key Features
• 2.048 MHz PCM input and output interfaces with selectable µ- and A-Law coding according to ITU G.711
• Rapid convergence of patented algorithm at the beginning or during a connection even in the presence of background noise at the near end subscriber
• Echo return loss enhancement of > 30 dB (ERLE)
• Detection of double talk for adaptive convergence control
• Independently controlled voiceband echo cancelling according to ITU G.165 and G.168 for
    – 32 channels with end echo path delay of less than 63.75 ms
    – 16 channels with end echo path delay of less than 127.75 ms (usage of two SIDEC in parallel for simultaneous processing of 32 channels is easily possible)
• Smart Non Linear Processor controlled by echoloss, echo path delay and background noise
• Various options for comfort noise injection
• Maskable disabling functions
    – 2100 Hz tone with phase reversal detection
    – 2100 Hz tone without phase reversal detection
    – 2010 Hz continuity check (SS7)
    – via PCM timeslot 16 Bit a, b, c or d according to ITU G.704
    – individual channels maskable via Microprocessor Interface, UCC Interface and Serial Interface
• Integrated Universal Control and Communication Interface (UCCI) for signaling highways with direct hardware control for:
    – disable cancelling
    – configurable disabling functions
    – communication between board controllers
• Support of Channel Associated Signaling (CAS) BR transparency (robbed bits) in send path
• Selectable µ- to A-Law or A- to µ-Law Conversion on a global or per channel basis
• Configurable idle channel supervision
• Clear channel capability (64 clear) on a per channel basis
• Special evaluation of bit 8 in T1 Modem calls possible (56 clear)
• Serial 256 kbit/s interface to control the functions disable cancelling, freeze coefficients, clear channel, disable NLP, PCM Law conversion control or combinations of above
• Monitor pins for several internal states
• Switchable global loop from receive output to send input and send output to receive input
• Switchable global attenuation (2.5 dB or 6 dB) at the receive and send output
• Flexible Microprocessor Interface (Intel or Motorola type, Mux and Demux mode) usable for:
    – configuration of parameters such as thresholds and functions on a global basis
    – Disable cancelling, freeze coefficients, clear channel, disable NLP, PCM Law conversion control (all functions individually for each channel)
    – support of background tests for disabled or idle timeslots (feeding and reading of test levels)
    – possibility to read levels, attenuations, internal states, signal values or all coefficients of a selected timeslot
    – control of the RAM Built In Self Test
• Advanced Integrated Watchdog Timer
• Supervision of the input clocks
• Various clock modes possible for 32.768 MHz and 8.192 MHz
• Boundary Scan according to IEEE 1149.1 Standard
• Power supply: 3.3 V, 5V tolerant inputs
• Typical power dissipation: 900 mW
• Plastic package P-TQFP 144-8, P-LFBGA 160-2
• Temperature range: -40°C - 85°C and 0°C - 70°C




Similar Part No. - PEB20954

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20954 INFINEON-PEB20954 Datasheet
1Mb / 132P
ICs for Communications
Version 1.1 Apr.1999
More results


Similar Description - PEB20954

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
32 Channel Voice Echo Canceller
MT9315 ZARLINK-MT9315 Datasheet
354Kb / 30P
CMOS Acoustic Echo Canceller
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
Digital Echo Canceller for Hands Free Communication
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
256 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com