Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7390 Datasheet (PDF) - ON Semiconductor

FAN7390 Datasheet PDF - ON Semiconductor
Part # FAN7390
Download  FAN7390 Download
File Size   1917.13 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 Half-Bridge Gate-Drive IC

FAN7390 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7390 Datasheet PDF - ON Semiconductor

Part # FAN7390
Download  FAN7390 Click to download

File Size   1917.13 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 Half-Bridge Gate-Drive IC

FAN7390 Datasheet (HTML) - ON Semiconductor


FAN7390 Product details

Description
The FAN7390 is a monolithic high- and low-side gate drive IC, which can drive high speed MOSFETs and IGBTs that operate up to +600V. It has a buffered output stage with all NMOS transistors designed for high pulse current driving capability and minimum cross-conduction.

Features
■ Floating Channels for Bootstrap Operation to +600V
■ Typically 4.5A/4.5A Sourcing/Sinking Current Driving Capability
■ Common-Mode dv/dt Noise Canceling Circuit
■ Built-in Under-Voltage Lockout for Both Channels
■ Matched Propagation Delay for Both Channels
■ Logic (VSS) and Power (COM) Ground +/- 7V Offset
■ 3.3V and 5V Input Logic Compatible
■ Output In-phase with Input

Applications
■ PDP Sustain Driver
■ HID Lamp Ballast
■ SMPS
■ Motor Driver




Similar Part No. - FAN7390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
High-Current, High & Low-Side, Gate-Drive IC
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901M FAIRCHILD-FAN73901M Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901M ONSEMI-FAN73901M Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results


Similar Description - FAN7390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7388 FAIRCHILD-FAN7388 Datasheet
1Mb / 14P
3 Half-Bridge Gate-Drive IC
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
3 Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389_13 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN7388 ONSEMI-FAN7388 Datasheet
1Mb / 15P
3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.3
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com