Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6326 Datasheet (PDF) - Renesas Technology Corp

ISL6326 Datasheet PDF - Renesas Technology Corp
Part # ISL6326
Download  ISL6326 Download
File Size   1346.98 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing

ISL6326 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6326 Datasheet PDF - Renesas Technology Corp

Part # ISL6326
Download  ISL6326 Click to download

File Size   1346.98 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing

ISL6326 Datasheet (HTML) - Renesas Technology Corp


ISL6326 Product details

4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing

The ISL6326 controls microprocessor core voltage regulation by driving up to 4 synchronous-rectified buck channels in parallel. Multiphase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents. Lower ripple results in fewer components, lower component cost, reduced power dissipation, and smaller implementation area.

Features
• Proprietary Active Pulse Positioning and Adaptive Phase Alignment Modulation Scheme
• Precision Multiphase Core Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.5% System Accuracy Over Life, Load, Line and Temperature
    - Adjustable Precision Reference-Voltage Offset
• Precision Resistor or DCR Current Sensing
    - Accurate Load-Line Programming
    - Accurate Channel-Current Balancing
    - Differential Current Sense
• Microprocessor Voltage Identification Input
    - Dynamic VID™ Technology
    - 8-Bit VID Input with Selectable VR11 Code and Extended VR10 Code at 6.25mV Per Bit
• Thermal Monitoring
• Integrated Programmable Temperature Compensation
• Overcurrent Protection and Channel Current Limit
• Overvoltage Protection
• 2-, 3- or 4-Phase Operation
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
    - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
        Flat No Leads - Product Outline
    - QFN Near Chip Scale Package Footprint; Improves
        PCB Efficiency, Thinner in Profile
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
May 5, 2008
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
April 21, 2006
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326BCRZ INTERSIL-ISL6326BCRZ Datasheet
548Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
April 21, 2006
logo
Renesas Technology Corp
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results


Similar Description - ISL6326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
December 27, 2004
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
April 21, 2006
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
March 9, 2006
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
May 5, 2008
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
May 5, 2008
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com