Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523A020 Datasheet (PDF) - Winbond

W523A020 Datasheet PDF - Winbond
Part # W523A020
Download  W523A020 Download
File Size   775.53 Kbytes
Page   19 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description HIGH FIDELITY POWER SPEECH

W523A020 Datasheet (PDF)

Go To PDF Page Download Datasheet
W523A020 Datasheet PDF - Winbond

Part # W523A020
Download  W523A020 Click to download

File Size   775.53 Kbytes
Page   19 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description HIGH FIDELITY POWER SPEECH

W523A020 Datasheet (HTML) - Winbond


W523A020 Product details

GENERAL DESCRIPTION
The W523Axxx family are programmable speech synthesis ICs that utilize Winbond′s new high fidelity voice synthesis algorithm to generate all typesof voice effects with high sound quality. The W523Axxx’s LOAD, JUMP, MOVE and INC commands and ten programmable registers provide powerful user-programmable functions that make this chip suitable for an extremely wide range of
speech IC applications.

FEATURES
• Operating voltage range: 2.4 – 5.5 volts
• New high fidelity synthesis algorithm
• Either PWM mode or D/A converter mode can be selected for AUD output
• Provides 4 direct trigger inputs that can easily be extended to 24 matrix trigger inputs
• Two trigger input debounce times (50 mS or 400 uS) can be set
• Provides up to 2 LEDs and 5 STOP outputs
• Flexible functions programmable through the following:
   − LD (Load), JP (Jump), MV (Move) and INC (Increase) commands
   − Four general purpose registers: R0, R1, R2 and R3
   − Six special purpose registers: EN0, EN1 (excludes W523A008 and W523A010), MODE0, MODE1, STOP and PAGE
   − Conditional instructions: @LAST, @TGn_HIGH or LOW, where, n = 1,2,5 or 6 for W523A012 ~ W523A120; n=1,2,3 or 4 for W523A008 and W523A010
   − Speech equations
   − END instruction
• Supports CPU interface operation
• Symbolic compiler supported
• Instruction cycle ≤ 400 µS typically
• Section control for
   − Variable frequency: 4.8/6/8/12 KHz
   − LED: ON/OFF
• Up to 256 voice groups can be used in single page mode; or extended to 2,048 voice groups in multi page mode, such as 8-page, 16-page and 32-page.




Similar Part No. - W523A020

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
HIGH FIDELITY PowerSpeech-TM
More results


Similar Description - W523A020

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
HIGH FIDELITY HEADPHONE AMPLIFIER
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
TPA6120A2 High Fidelity Headphone Amplifier
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
High Fidelity, Low Power, Integrated Stereo Audio Amplifier
Mar-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com