Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6557A Datasheet (PDF) - Renesas Technology Corp

ISL6557A Datasheet PDF - Renesas Technology Corp
Part # ISL6557A
Download  ISL6557A Download
File Size   937.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Controller for CORE Voltage Regulation

ISL6557A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6557A Datasheet PDF - Renesas Technology Corp

Part # ISL6557A
Download  ISL6557A Click to download

File Size   937.15 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Controller for CORE Voltage Regulation

ISL6557A Datasheet (HTML) - Renesas Technology Corp


ISL6557A Product details

Multi-Phase PWM Controller for Core-Voltage Regulation

The ISL6557A provides core-voltage regulation by driving up to four interleaved synchronous-rectified buck-converter channels in parallel. Intersil multi-phase controllers together with Intersil MOSFET drivers form the basis for the most reliable power-suppply solutions available to power the latest industry-leading microprocessors. Multi-phase buck converter architecture uses interleaved timing to multiply ripple frequency and reduce input and output ripple currents.

Features
• Multi-Phase Power Conversion
• Active Channel Current Balancing
• Precision rDS(ON) Current Sensing
    - Low Cost
    - Lossless
• Precision CORE Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.8% System Accuracy
• Microprocessor Voltage Identification Input
    - Dynamic VID technology
    - 5-Bit VID Input
    - 0.800V to 1.550V in 25mV Steps
• Programmable Power-On Bias Level
• Programmable Droop Voltage
• Fast Transient Recovery Time
• Precision Enable Threshold
• Overcurrent Protection
• 2-, 3-, or 4-Phase Operation
• High Ripple Frequency. Channel Frequency Times Number Channels (100kHz to 6MHz)
• Pb-free available




Similar Part No. - ISL6557A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6557ACB INTERSIL-ISL6557ACB Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6557ACB-T INTERSIL-ISL6557ACB-T Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6557ACBZ INTERSIL-ISL6557ACBZ Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6557ACBZ-T INTERSIL-ISL6557ACBZ-T Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
More results


Similar Description - ISL6557A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557 INTERSIL-ISL6557 Datasheet
532Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
Digital Multi-Phase PWM Controller for Core-Voltage Regulation
April 2003
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
Multiphase IMVP-IV Core Controller for Mobile CPUs
REV.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
Multiphase PWM Controller with Programmable Output Voltage
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com