Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD98L55 Datasheet (PDF) - Exar Corporation

XRD98L55 Datasheet PDF - Exar Corporation
Part # XRD98L55
Download  XRD98L55 Download
File Size   685.38 Kbytes
Page   35 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CCD Image Digitizers with CDS, PGA and 10-Bit A/D

XRD98L55 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD98L55 Datasheet PDF - Exar Corporation

Part # XRD98L55
Download  XRD98L55 Click to download

File Size   685.38 Kbytes
Page   35 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CCD Image Digitizers with CDS, PGA and 10-Bit A/D

XRD98L55 Datasheet (HTML) - Exar Corporation


XRD98L55 Product details

GENERAL DESCRIPTION
The XRD9855/XRD9856 are complete CCD Image Digitizers for digital cameras. The products include a high bandwidth differential Correlated Double Sampler (CDS), 8-bit digitally Programmable Gain Amplifier (PGA), 10-bit Analog-to-Digital Converter (ADC) and digital controlled black level auto-calibration circuitry.

FEATURES
● 10-Bit Resolution ADC
● 18 - 27MHz Maximum Sampling Rate
● Correlated Double Sampling (CDS)
● Programmable Gain from 6dB to 38dB (PGA)
● Digitally Controlled Analog Offset-Calibration
● CCD Black Level Offset Compensation at Frame Rate
● CDS Clocks Sample Rising Edge or Falling Edge
● Single 5V or 3V Power Supply
● Low Power for Battery Applications:
    XRD9855/56: 250/300m W @ VDD = 5.0V
    XRD98L55/L56: 120/150mW @ VDD = 3.0V
● 50mA-Typ Current in Stand By Mode
● 3-State Digital Outputs
● ESD Protection to Over 2000V

APPLICATIONS
● Digital Video Camcorders
● Digital Still Cameras
● PC Video Teleconferencing
● Digital Copiers
● Infrared Image Digitizers
● CCD/CIS Imager Interface
● CCTV/Security Camera
● 2D Bar Code Readers
● Industrial Cameras




Similar Part No. - XRD98L55

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L53 EXAR-XRD98L53 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L53AIV EXAR-XRD98L53AIV Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L59AIG EXAR-XRD98L59AIG Datasheet
349Kb / 37P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
More results


Similar Description - XRD98L55

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
logo
Exar Corporation
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com